Part Number Hot Search : 
ZL3010 SB845DC 3843G P580020 SHD11 FD26C A2597 X5169
Product Description
Full Text Search
 

To Download CPC1002NTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.clare.com ds-cpc1002n-r04 1 cpc1002n single-pole, normally open 4-pin sop optomos ? relay rohs 2002/95/ec e 3 pb part # description cpc1002n 4-pin sop (100/tube) CPC1002NTR 4-pin sop (2000/reel) parameter rating units blocking voltage 60 v p load current 700 ma max on-resistance 0.55 led current to operate 2 ma applications features description ordering information pin configuration ? security ? passive infrared detectors (pir) ? data signalling ? sensor circuitry ? instrumentation ? multiplexers ? data acquisition ? electronic switching ? i/o subsystems ? meters (watt-hour, water, gas) ? medical equipment?patient/equipment isolation ? aerospace ? industrial controls ? designed for use in security systems complying with en50130-4 ? only 2ma of led current required to operate ? small 4-pin sop package ? ttl/cmos compatible input ? 100% solid state ? high reliability ? arc-free with no snubbing circuits ? 1500v rms input/output isolation ? no emi/rfi generation ? immune to radiated em fields ? smd pick & place, wave solderable ? tape & reel version available the cpc1002n is a miniature, normally open (1-form-a) dc solid state relay in a 4-pin sop package that employs optically coupled mosfet technology to provide 1500v rms of input to output isolation. the super-efficient mosfet switches and photovoltaic die use clare?s patented optomos architecture. the optically coupled output is controlled by the input's highly efficient gaalas infrared led. the cpc1002n uses clare?s state of the art double- molded vertical construction packaging to produce one of the world?s smallest relays. the cpc1002n offers board space savings of at least 20% over the competitor?s larger 4-pin sop relay. 1 2 3 4 + control C control dc + dc - switching characteristics of normally open devices form-a i f i load 10% 90% t on t off approvals ? ul recognized component: file e76270 ? csa certified component: certificate 1175739 ? en/iec 60950-1 certified component: tuv certificate b 09 07 49410 004
www.clare.com 2 r04 cpc1002n absolute maximum ratings are stress ratings. stresses in excess of these ratings can cause permanent damage to the device. functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied. absolute maximum ratings @ 25oc parameter ratings units blocking voltage 60 v p reverse input voltage 5 v input control current peak (10ms) 50 ma 1a input power dissipation 70 mw total power dissipation 1 400 mw isolation voltage input to output 1500 v rms operational temperature -40 to +85 c storage temperature -40 to +125 c 1 derate linearly 3.33 mw / oc parameter conditions symbol min typ max units output characteristics load current, continuous 1 i f =2ma i l - - 700 ma peak load current t=10ms i lpk --1a on-resistance 2 i l =100ma r on - 0.35 0.55 off-state leakage current v l =60v p i leak --1 a switching speeds turn-on i f =3ma, v l =10v t on - 1.3 5 ms turn-off t off - 0.41 2 output capacitance v l =50v; f=1mhz c out -25 -pf input characteristics input control current 3 i l =100ma i f - 0.55 2 ma input dropout current - i f 0.3 - - ma input voltage drop i f =5ma v f 0.9 1.2 1.4 v reverse input current v r =5v i r --10 a common characteristics capacitance input to output - c i/o -1 -pf 1 load current derates linearly from 700ma @ 25 o c to 420ma @80 o c. 2 measurement taken within 1 second of on-time. 3 for applications requiring high temperature operation (greater than 60 o c) a led drive current of 3ma is recommended. electrical characteristics @ 25oc
cpc1002n www.clare.com 3 r04 performance data* *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in t he written speci? cations, please contact our application department. 1.0 1.2 1.4 1.6 1.1 1.3 1.5 turn-on (ms) device count (n) 25 20 15 10 5 0 typical turn-on time (i f =3ma, i l =100ma, t a =25oc) 0.38 0.40 0.42 0.44 0.43 0.41 0.39 turn-off (ms) device count (n) 25 20 15 10 5 0 typical turn-off time (i f =3ma, i l =100ma, t a =25oc) 35 30 25 20 15 10 5 0 0.32 0.34 0.36 0.38 0.33 0.35 0.37 device count (n) typical on-resistance distribution (i l =100ma, t a =25oc) on-resistance ( ) 35 30 25 20 15 10 5 0 0.50 0.60 0.70 0.45 0.55 0.65 0.75 led current (ma) device count (n) typical i f for switch operation (i l =100ma, t a =25oc) 35 30 25 20 15 10 5 0 0.50 0.60 0.70 0.45 0.55 0.65 0.75 led current (ma) device count (n) typical i f for switch dropout (i l =100ma, t a =25oc) 35 30 25 20 15 10 5 0 68 70 72 74 69 71 73 blocking voltage (v p ) device count (n) typical blocking voltage distribution (t a =25oc) 35 30 25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25 led forward voltage drop (v) device count (n) typical led forward voltage drop (i f =5ma, t a =25oc) led forward current (ma) turn-on (ms) 0 5 1015202530354045 10 9 8 7 6 5 4 3 2 1 0 50 typical turn-on vs. led forward current (i l =100ma) led forward current (ma) turn-off (ms) 0 5 1015202530354045 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 50 typical turn-off vs. led forward current (i l =100ma) temperature (oc) -40 -20 0 20 40 60 80 100 led forward voltage drop (v) 1.0 1.1 1.2 1.3 1.4 1.5 1.6 typical led forward voltage drop vs. temperature i f =1ma i f =2ma i f =5ma i f =10ma i f =20ma i f =50ma turn-on (ms) -40 2.50 2.25 2.00 1.75 1.50 1.25 1.00 0.75 0.50 0.25 0 -20 0 20 40 60 80 100 typical turn-on vs. temperature (i f =3ma, i l =100ma) temperature (oc) turn-off (ms) -40 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -20 0 20 40 60 80 100 typical turn-off vs. temperature (i f =3ma, i l =100ma) temperature (oc)
www.clare.com 4 r04 cpc1002n performance data* *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in t he written speci? cations, please contact our application department. led current (ma) -40 1.50 1.25 1.00 0.75 0.50 0.25 0 -20 0 20 40 60 80 100 typical i f for switch operation vs. temperature (i l =100ma) temperature (oc) led current (ma) -40 1.50 1.25 1.00 0.75 0.50 0.25 0 -20 0 20 40 60 80 100 temperature (oc) typical i f for switch dropout vs. temperature (i l =100ma) -40 1.2 1.0 0.8 0.6 0.4 0.2 0 -20 0 20 40 60 80 100 typical on-resistance vs. temperature (i l =100ma) temperature (oc) on-resistance ( ) i f =2ma i f =5ma load voltage (v) load current (ma) 600 500 400 300 200 100 0 0 0.05 0.10 0.15 0.20 0.25 0.30 typical load current vs. load voltage (i f =2ma, t a =25oc) load current (ma) 900 800 700 600 500 400 300 200 100 0 typical maximum load current vs. temperature -40 -20 0 20 40 60 80 120 100 temperature (oc) i f =5ma i f =2ma blocking voltage (v p ) -40 76 74 72 70 68 66 64 62 -20 0 20 40 60 80 100 typical blocking voltage vs. temperature temperature (oc) -40 0.016 0.014 0.012 0.010 0.008 0.006 0.004 0.002 0 -20 0 20 40 60 80 100 leakage ( a) temperature (oc) typical leakage vs. temperature measured across pins 3&4 (v l =60v) time load current (a) 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 10 s 100 s 1ms 100ms 1s 10ms 10s 100s energy rating curve
cpc1002n www.clare.com 5 r04 manufacturing information moisture sensitivity all plastic encapsulated semiconductor packages are susceptible to moisture ingression. clare classified all of its plastic encapsulated devices for moisture sensitivity according to the latest version of the joint industry standard, ipc/jedec j-std-020 , in force at the time of product evaluation. we test all of our products to the maximum conditions set forth in the standard, and guarantee proper operation of our devices when handled according to the limitations and information in that standard as well as to any limitations set forth in the information or standards referenced below. failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced product performance, reduction of operable life, and/or reduction of overall reliability. this product carries a moisture sensitivity level (msl) rating as shown below, and should be handled according to the requirements of the latest version of the joint industry standard ipc/jedec j-std-033 . device moisture sensitivity level (msl) rating cpc1002n msl 3 esd sensitivity this product is esd sensitive , and should be handled according to the industry standard jesd-625 . reflow profile this product has a maximum body temperature and time rating as shown below. all other guidelines of j-std-020 must be observed. device maximum temperature x time cpc1002n 260oc for 30 seconds board wash clare recommends the use of no-clean flux formulations. however, board washing to remove flux residue is acceptable. since clare employs the use of silicone coating as an optical waveguide in many of its optically isolated products, the use of a short drying bake could be necessary if a wash is used after solder reflow processes. chlorine- or fluorine-based solvents or fluxes should not be used. cleaning methods that employ ultrasonic energy should not be used. rohs 2002/95/ec e 3 pb
clare, inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publica tion and reserves the right to make changes to specifications and product descriptions at any time without notice. neither circuit patent licenses nor indemnity are expressed or implied. except as set forth in clare?s standard terms and conditions of sale, clare, inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products incl uding, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. the products described in this document are not designed, intended, authorized or warranted for use as components in systems in tended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of clare?s product may result in direct physical harm, i njury, or death to a person or severe property or environmental damage. clare, inc. reserves the right to discontinue or make changes to its products at any time without notice. specification: ds-cpc1002n-r04 ?copyright 2010, clare, inc. optomos? is a registered trademark of clare, inc. all rights reserved. printed in usa. 8/20/2010 for additional information please visit our website at: www.clare.com 6 cpc1002n mechanical dimensions recommended pcb land pattern 2.54 (0.10) 5.60 (0.2205) 1.30 (0.0512) 0.60 (0.0217) dimensions mm (inches) pin 1 4.089 0.203 (0.161 0.008) 2.54 typ (0.100 typ) 6.096 0.102 (0.240 0.004) 3.810 0.076 (0.150 0.003) 0.432 0.127 (0.017 0.005) 0.200 0.025 (0.008 0.001) 1.02 0.025 (0.040 0.001) 2.184 max (0.086 max) 0.381 typ. (0.015 typ.) lead to package standoff: min: 0.0254 (0.001) max: 0.102 (0.004) 0.762 0.102 (0.030 0.004) dimensions mm (inches) note: all dimensional tolerances per standard eia-481-2 except as noted embossment embossed carrier 330.2 dia (13.00 dia) top cover tape thickness 0.102 max (0.004 max) u ser direction of fee d user direction of feed k 0 =2.70 (0.106) k 1 =2.30 (0.091) b 0 =4.70 (0.185) w=12.00 (0.472) p=8.00 (0.315) a 0 =6.50 (0.256) cpc1002n cpc1002n tape & reel


▲Up To Search▲   

 
Price & Availability of CPC1002NTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X